PART |
Description |
Maker |
PCI9056-BA66BI PCI9056-BA66BIG PCI9056 |
32-bit, 66MHz PCI Bus Mastering I/O Accelerator for Motorola PowerQUICC and Generic 32-bit, 66MHz Local Bus Designs 32-bit, 66MHz PCI Bus Mastering I/O Accelerator for Motorola PowerQUICC⑩ and Generic 32-bit, 66MHz Local Bus Designs
|
PLX Technology
|
C505CAROM/ROMLESSTYPES SAK-C505A-2RM SAB-C505A-4RM |
8-bit Microcontroller with Complete CAN Capability 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with mask-programmable ROM (20MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with OTP memory (20MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with mask-programmable ROM, with CAN (20MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with mask-programmable ROM, with CAN (16MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with OTP memory, with CAN (20MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller for external memory, with CAN (20MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with OTP memory, with CAN (16MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller for external memory, with CAN (16MHz)
|
Infineon
|
PIC16LF628A-E/ML PIC16LF628A-E/P PIC16LF628A-E/SO |
FLASH-Based 8-Bit CMOS Microcontrollers 8-bit CMOS microcontroller, FLASH=1024 word, RAM=224b, EEPROM=128b, 20MHz 8-bit CMOS microcontroller, FLASH=2048 word, RAM=224b, EEPROM=128b, 20MHz 8-bit CMOS microcontroller, FLASH=4096 word, RAM=256b, EEPROM=256b, 20MHz
|
Microchip
|
SAB-C161PI-L25FCA SAB-C161PI-L25MCA SAB-C161PI-LF3 |
16-Bit Microcontrollers - 0C - 70C, 25MHz, P-TQFP-100 Consumer Class 16-bit Microcontroller 16-Bit Microcontrollers - 0C - 70C, 25MHz, P-MQFP-100 16-Bit Microcontrollers - 0C - 70C, 20MHz, P-TQFP-100, 3V 16-Bit Microcontrollers - 0C - 70C, 20MHz, P-MQFP-100, 3V 16-Bit Microcontrollers - -40C - 85C, 25MHz, P-TQFP-100 16-Bit Microcontrollers - -40C - 85C, 25MHz, P-MQFP-100 16-Bit Microcontrollers - -40C - 85C, 20MHz, P-TQFP-100 16-Bit Microcontrollers - -40C - 85C, 20MHz, P-MQFP-100, 3V 16-Bit Microcontrollers - -40C - 85C, 20MHz, P-MQFP-100
|
Infineon
|
MAX196-MAX198 MAX198 MAX198ACAI MAX198ACNI MAX198A |
Multirange, Single %V, 12-Bit DAS with 12-Bit Bus Interface SPECIALTY ANALOG CIRCUIT, PDIP28 Multirange, Single 5V, 12-Bit DAS with 12-Bit Bus Interface(6通道,100ksps,并行,12位A/D转换 Multirange / Single %V / 12-Bit DAS with 12-Bit Bus Interface Multirange Single %V 12-Bit DAS with 12-Bit Bus Interface 6-Channel, Multi-Range, 5V, 12-Bit DAS with 12-Bit Bus Interface and Fault Protection
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
P1750AE-40QGMB P1750AE-40CMB P1750AE-40GMB P1750AE |
SINGLE CHIP, 20MHz to 40MHz, ENHANCED CMOS 16-BIT PROCESSOR 16-BIT, 20 MHz, MICROPROCESSOR, QFP68 SINGLE CHIP, 20MHz to 40MHz, ENHANCED CMOS 16-BIT PROCESSOR 16-BIT, 20 MHz, MICROPROCESSOR, DIP64 SINGLE CHIP, 20MHz to 40MHz, ENHANCED CMOS 16-BIT PROCESSOR 16-BIT, 30 MHz, MICROPROCESSOR, QFP68
|
Pyramid Semiconductor, Corp. Pyramid Semiconductor Corporation
|
AK5482 ASAHIKASEIMICROSYSTEMSCO.LTD-AK5482 |
10 BIT 20MHZ AD CONVERTER
|
Asahi Kasei Microsystems ACCUTEK MICROCIRCUIT CORPORATION
|
SAB-C161K-LM SAF-C161K-LM SAB-C161O-LM SAB-C161O-L |
16-Bit Microcontrollers - 16-Bit microcontroller (20MHz)
|
Infineon
|
ADS-325A |
10-Bit, 20MHz Sampling A/D Converter
|
Murata Power Solutions Inc. C&D Technologies
|
PI7C8154B |
2 PORT 64 BIT 66MHZ PCI TO PCI BRIDGE
|
Pericom Technology PERICOM[Pericom Semiconductor Corporation] Pericom Semiconductor Corp.
|
P1750AE-40PGMB P1750AE-20QLMB P1750AE-30QLMB P1750 |
SINGLE CHIP, 20MHz to 40MHz, ENHANCED CMOS 16-BIT PROCESSOR
|
Pyramid Semiconductor Corporation
|
CBT16210 CBT16210DL CBT16210DGG CBT16210DL-T |
20-bit bus switch with 10-bit output enables - # of Bits per Enable: 10 ; Description: Bus Switch ; Flow Through Pinout: yes ; Number of bits: 20 ; Operating temperature: -40~85 Cel; Operating voltage: 4.5~5.5 VDC CBT16210; 20-bit bus switch with 10-bit output enables
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|